Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237C0CDML Arkusz danych(PDF) 10 Page - Torex Semiconductor

Numer części XC9237C0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C0CDML Arkusz danych(HTML) 10 Page - Torex Semiconductor

Back Button XC9237C0CDML Datasheet HTML 6Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 9Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 10Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10/28
XC9235/XC9236/XC9237 Series
■OPERATIONAL DESCRIPTION (Continued)
<Short-Circuit Protection>
The short-circuit protection circuit monitors the internal R1 and R2 divider voltage from the VOUT pin (refer to FB point in
the block diagram shown in the previous page). In case where output is accidentally shorted to the Ground and when
the FB point voltage decreases less than half of the reference voltage (Vref) and a current more than the ILIM flows to
the driver transistor, the short-circuit protection quickly operates to turn off and to latch the driver transistor. In latch
mode, the operation can be resumed by either turning the IC off and on via the CE/MODE pin, or by restoring power
supply to the VIN pin.
When sharp load transient happens, a voltage drop at the VOUT is propagated to the FB point through CFB, as a result,
short circuit protection may operate in the voltage higher than 1/2 VOUT voltage.
<U.V.L.O. Circuit>
When the VIN pin voltage becomes 1.4V or lower, the P-channel output driver transistor is forced OFF to prevent false
pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8V or higher,
switching operation takes place. By releasing the U.V.L.O. function, the IC performs the soft start function to initiate
output startup operation. The soft start function operates even when the VIN pin voltage falls momentarily below the
U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse output
to be suspended; therefore, the internal circuitry remains in operation.
<PFM Switch Current>
In PFM control operation, until coil current reaches to a specified level (IPFM), the IC keeps the P-ch MOSFET on. In this
case, time that the P-ch MOSFET is kept on (TON) can be given by the following formula.
TON= L
×IPFM (VIN−VOUT)
→IPFM①
<Maximum IPFM Limit>
In PFM control operation, the maximum duty ratio (MAXIPFM) is set to 200% (TYP.). Therefore, under the condition that
the duty increases (e.g. the condition that the step-down ratio is small), it’s possible for P-ch MOSFET to be turned off even
when coil current doesn’t reach to IPFM.
→IPFM②
IPFM①
Ton
Lx
I Lx
IPFM
0mA
IPFM②
IPFM
0mA
Lx
I Lx
FOSC
Maxumum IPFM Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com