Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237C0CDML Arkusz danych(PDF) 2 Page - Torex Semiconductor

Numer części XC9237C0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C0CDML Arkusz danych(HTML) 2 Page - Torex Semiconductor

  XC9237C0CDML Datasheet HTML 1Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 2Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 3Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 4Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 5Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 6Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XC9235/XC9236/XC9237 Series
PIN NUMBER
SOT-25
USP-6C
PIN NAME
FUNCTION
1
6
VIN
Power Input
2
2, 5
VSS
Ground
3
4
CE / MODE
Chip Enable Mode Switch
4
3
VOUT
Output Voltage Sense
5
1
Lx
Switching Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE input logic High Active
B
: CE input logic High Active, high speed soft start, CL discharge
①.
Transistor built-in,
Output voltage internally set
(VOUT product),
Soft-start internally set
C
: CE input logic High Active, CL discharge
②
Output Voltage
0~4
: Integer number of output voltage
e.g. VOUT=2.8V→②=2, VOUT=3.3V→②=3
③
Output Voltage
0~9, A~M
: Decimal number of output voltage
50mV increments: 0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E,
0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M
e.g. VOUT=2.8V→②=2, ③=8
VOUT=2.85V→②=2, ③=L
C
: 1.2MHz
④
Oscillation Frequency
D
: 3.0MHz
M
: SOT-25 (SOT-23-5)
⑤
Packages
E
: USP-6C
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
1
3
2
5
4
SOT-25
(Top View)
USP-6C
(BOTTOM VIEW)
VSS
CE/MODE
VIN
Lx
VOUT
CE/MODE
4
2
V
SS
V
IN
6
1
Lx
3
V
OUT
V
SS
5
■PIN CONFIGURATION
* Please short the VSS pin (No. 2 and 5).
* The dissipation pad for the USP-6C
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting strength
and heat release. If the pad needs to be
connected to other pins, it should be
connected to the VSS (No. 5) pin.
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC9235①②③④⑤⑥
PWM fixed control
XC9236①②③④⑤⑥
PWM / PFM automatic switching control
XC9237①②③④⑤⑥
PWM fixed control PWM / PFM automatic switching, manual switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com