Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237C0CDML Arkusz danych(PDF) 11 Page - Torex Semiconductor

Numer części XC9237C0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C0CDML Arkusz danych(HTML) 11 Page - Torex Semiconductor

Back Button XC9237C0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 9Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 10Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 14Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
XC9235/XC9236/XC9237
Series
Output Voltage Dischage Characteristics
Rdischg
()
= 300Ω TYP
Discharge Time t (ms)
0
10
20
30
40
50
60
70
80
90
100
0
10
20304050
607080
90
100
CL=10uF
CL=20uF
CL=50uF
■OPERATIONAL DESCRIPTION (Continued)
<CL High Speed Discharge>
XC9235B(C)/ XC9236B(C)/ XC9237B(C) series can quickly discharge the electric charge at the output capacitor (CL) when
a low signal to the CE pin which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor
located between the LX pin and the VSS pin. When the IC is disabled, electric charge at the output capacitor (CL) is quickly
discharged so that it may avoid application malfunction. Discharge time of the output capacitor (CL) is set by the CL
auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance
value [R] and an output capacitor value (CL) as τ(τ=C x R), discharge time of the output voltage after discharge via the N
channel transistor is calculated by the following formulas.
V = VOUT(E) x e
–t/τ, or t=τln (VOUT(E) / V)
V : Output voltage after discharge
VOUT(E) : Output voltage
t: Discharge time,
τ: C x R
C= Capacitance of Output capacitor (CL)
R= CL auto-discharge resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com