Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237C0CDML Arkusz danych(PDF) 12 Page - Torex Semiconductor

Numer części XC9237C0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C0CDML Arkusz danych(HTML) 12 Page - Torex Semiconductor

Back Button XC9237C0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 9Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 10Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 14Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 15Page - Torex Semiconductor XC9237C0CDML Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12/28
XC9235/XC9236/XC9237 Series
SW_CE
STATUS
ON
Stand-by
OFF
Operation
SW_CE
STATUS
ON
Operation
OFF
Stand-by
SW_CE
SW_PWM/PFM
STATUS
ON
*
PWM/PFM Automatic Switching Control
OFF
ON
PWM Control
OFF
OFF
Stand-by
SW_CE
SW_PWM/PFM
STATUS
ON
*
Stand-by
OFF
ON
PWM Control
OFF
OFF
PWM/PFM Automatic Switching Control
<CE/MODE Pin Function>
The operation of the XC9235/XC9236/XC9237 series will enter into the shut down mode when a low level signal is input to the
CE/MODE pin. During the shutdown mode, the current consumption of the IC becomes 0μA (TYP.), with a state of high
impedance at the Lx pin and VOUT pin. The IC starts its operation by inputting a high level signal to the CE/MODE pin. The
input to the CE/MODE pin is a CMOS input and the sink current is 0μA (TYP.).
●
XC9235/XC9236 series - Examples of how to use CE/MODE pin
●
XC9237 series - Examples of how to use CE/MODE pin
(A)
(B)
(A)
(B)
Intermediate voltage can be generated by RM1 and RM2. Please set the value of each R1, R2, RM1, RM2 from
few hundreds kΩ to few hundreds MΩ. For switches, CPU open-drain I/O port and transistor can be used.
(A)
(B)
(A)
(B)
■OPERATIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com