Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM2902CDB Arkusz danych(PDF) 20 Page - Texas Instruments

Numer części PCM2902CDB
Szczegółowy opis  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2902CDB Arkusz danych(HTML) 20 Page - Texas Instruments

Back Button PCM2902CDB Datasheet HTML 16Page - Texas Instruments PCM2902CDB Datasheet HTML 17Page - Texas Instruments PCM2902CDB Datasheet HTML 18Page - Texas Instruments PCM2902CDB Datasheet HTML 19Page - Texas Instruments PCM2902CDB Datasheet HTML 20Page - Texas Instruments PCM2902CDB Datasheet HTML 21Page - Texas Instruments PCM2902CDB Datasheet HTML 22Page - Texas Instruments PCM2902CDB Datasheet HTML 23Page - Texas Instruments PCM2902CDB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
Interface #2
Interface #2 is the audio streaming data-in interface. Interface #2 has the 19 alternative settings listed in Table 7.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
Table 7. Interface #2 Alternative Settings
ALTERNATIVE
TRANSFER
SAMPLING RATE
SETTING
DATA FORMAT
MODE
(kHz)
00
Zero Bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Asynchronous
48
02
16-bit
Mono
Twos complement (PCM)
Asynchronous
48
03
16-bit
Stereo
Twos complement (PCM)
Asynchronous
44.1
04
16-bit
Mono
Twos complement (PCM)
Asynchronous
44.1
05
16-bit
Stereo
Twos complement (PCM)
Asynchronous
32
06
16-bit
Mono
Twos complement (PCM)
Asynchronous
32
07
16-bit
Stereo
Twos complement (PCM)
Asynchronous
22.05
08
16-bit
Mono
Twos complement (PCM)
Asynchronous
22.05
09
16-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0A
16-bit
Mono
Twos complement (PCM)
Asynchronous
16
0B
8-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0C
8-bit
Mono
Twos complement (PCM)
Asynchronous
16
0D
8-bit
Stereo
Twos complement (PCM)
Asynchronous
8
0E
8-bit
Mono
Twos complement (PCM)
Asynchronous
8
0F
16-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
10
16-bit
Mono
Twos complement (PCM)
Synchronous
11.025
11
8-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
12
8-bit
Mono
Twos complement (PCM)
Synchronous
11.025
Interface #3
Interface #3 is the interrupt data-in interface. Alternative setting #0 is the only possible setting for interface #3.
Interface #3 consists of the HID consumer control device and reports the status of three key parameters:
•
Mute (0xE209)
•
Volume up (0xE909)
•
Volume down (0xEA09)
End-Points
The PCM2900C/2902C has the following four end-points:
•
Control end-point (EP #0)
•
Isochronous-out audio data stream end-point (EP #2)
•
Isochronous-in audio data stream end-point (EP #4)
•
HID end-point (EP #5)
The control end-point is a default end-point. The control end-point is used to control all functions of the
PCM2900C/2902C by a standard USB request and an USB audio class-specific request from the host. The
isochronous-out audio data stream end-point is an audio sink end-point, which receives the PCM audio data. The
isochronous-out audio data stream end-point accepts the adaptive transfer mode. The isochronous-in audio data
stream end-point is an audio source end-point, which transmits the PCM audio data. The isochronous-in audio
data stream end-point uses asynchronous transfer mode. The HID end-point is an interrupt-in end-point. HID
end-point reports HID0, HID1, and HID2 pin status every 32 ms.
The human interface device (HID) pins are defined as consumer control devices. The HID function is designed
as an independent end-point from both isochronous-in and -out end-points. Therefore, the result obtained from
the HID operation depends on the host software. Typically, the HID function is used as the primary audio-out
device.
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com