Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM2902CDB Arkusz danych(PDF) 23 Page - Texas Instruments

Numer części PCM2902CDB
Szczegółowy opis  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2902CDB Arkusz danych(HTML) 23 Page - Texas Instruments

Back Button PCM2902CDB Datasheet HTML 19Page - Texas Instruments PCM2902CDB Datasheet HTML 20Page - Texas Instruments PCM2902CDB Datasheet HTML 21Page - Texas Instruments PCM2902CDB Datasheet HTML 22Page - Texas Instruments PCM2902CDB Datasheet HTML 23Page - Texas Instruments PCM2902CDB Datasheet HTML 24Page - Texas Instruments PCM2902CDB Datasheet HTML 25Page - Texas Instruments PCM2902CDB Datasheet HTML 26Page - Texas Instruments PCM2902CDB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
1 ms
SET_INTERFACE
Audio Data
IN Token
Audio Data
IN Token
Audio Data
IN Token
SOF
SOF
SOF
SOF
SOF
D+/D-
V L
V R
IN
IN
5 ms
Idle
Active
Active
Suspend
D+/D-
SSPND
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
Record Sequence
The PCM2900C/2902C starts the audio capture into the internal memory after receiving the SET_INTERFACE
command, as shown in Figure 34.
Figure 34. Record Sequence
Suspend and Resume Sequence
The PCM2900C/2902C enters the suspend state after it sees a constant idle state on the USB bus
(approximately 5 ms), as shown in Figure 35. While the PCM2900C/2902C enters the suspend state, SSPND
flag (pin 28) is asserted. The PCM2900C/2902C wakes up immediately upon detecting a non-idle state on the
USB bus.
Figure 35. Suspend and Resume Sequence
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com