| Zakładka z wyszukiwarką danych komponentów |
|
PCM2902CDB Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM2902CDB Arkusz danych(HTML) 6 Page - Texas Instruments |
|
6 / 36 page ![]() 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 D+ D - V BUS DGNDU HID0 HID1 HID2 SEL0 SEL1 V CCCI AGNDC V L IN V R IN V COM SSPND TEST0 V CCXI AGNDX XTO V CCP2I DGND V CCP1I V L OUT XTI TEST1 V DDI AGNDP V R OUT PCM2900C PCM2900C PCM2902C SBFS039 – SEPTEMBER 2011 www.ti.com PCM2900C PIN ASSIGNMENTS DB PACKAGE SSOP-28 (TOP VIEW) Table 1. PCM2900C TERMINAL FUNCTIONS TERMINAL NAME NO. I/O DESCRIPTION AGNDC 11 – Analog ground for codec AGNDP 18 – Analog ground for PLL AGNDX 22 – Analog ground for oscillator D – 2 I/O USB differential input/output minus (1) D+ 1 I/O USB differential input/output plus (1) DGND 26 – Digital ground DGNDU 4 – Digital ground for USB transceiver HID0 5 I HID key state input (mute), active-high (2) HID1 6 I HID key state input (volume up), active-high (2) HID2 7 I HID key state input (volume down), active-high (2) SEL0 8 I Must be set to high (3) SEL1 9 I Must be set to high (3) SSPND 28 O Suspend flag, active-low (low: suspend, high: operational) TEST0 24 I Test pin, must be connected to GND TEST1 25 O Test pin, must be left open VBUS 3 – Connect to USB power (VBUS) VCCCI 10 – Internal analog power supply for codec (4) VCCP1I 17 – Internal analog power supply for PLL (4) VCCP2I 19 – Internal analog power supply for PLL (4) VCCXI 23 – Internal analog power supply for oscillator (4) VCOM 14 – Common for ADC/DAC (VCCCI/2) (4) VDDI 27 – Internal digital power supply (4) VINL 12 I ADC analog input for L-channel VINR 13 I ADC analog input for R-channel VOUTL 16 O DAC analog output for L-channel VOUTR 15 O DAC analog output for R-channel XTI 21 I Crystal oscillator input (5) XTO 20 O Crystal oscillator output (1) LV-TTL level. (2) 3.3-V CMOS-level input with internal pull-down. This pin informs the PC of serviceable control signals such as mute, volume up, or volume down, which have no connection with the internal DAC or ADC directly. See the Interface #3 and End-Points sections. (3) TTL Schmitt trigger, 5-V tolerant. (4) Connect a decoupling capacitor to GND. (5) 3.3-V, CMOS-level input. 6 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): PCM2900C PCM2902C |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |