Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM2902CDB Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części PCM2902CDB
Szczegółowy opis  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2902CDB Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button PCM2902CDB Datasheet HTML 7Page - Texas Instruments PCM2902CDB Datasheet HTML 8Page - Texas Instruments PCM2902CDB Datasheet HTML 9Page - Texas Instruments PCM2902CDB Datasheet HTML 10Page - Texas Instruments PCM2902CDB Datasheet HTML 11Page - Texas Instruments PCM2902CDB Datasheet HTML 12Page - Texas Instruments PCM2902CDB Datasheet HTML 13Page - Texas Instruments PCM2902CDB Datasheet HTML 14Page - Texas Instruments PCM2902CDB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
-50
100
Free-Air Temperature (°C)
G001
-25
0
25
50
75
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
95
90
85
80
75
-50
100
Free-Air Temperature (°C)
G002
-25
0
25
50
75
SNR
Dynamic Range
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
4
4.5
5
5.5
Supply Voltage (V)
G003
95
90
85
80
75
4
4.5
5
5.5
Supply Voltage (V)
G004
SNR
Dynamic Range
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
30
35
40
45
50
Sampling Frequency (kHz)
G005
95
90
85
80
75
30
35
40
45
50
Sampling Frequency (kHz)
G006
SNR
Dynamic Range
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
TYPICAL CHARACTERISTICS: ADC
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, using REG 103xA-A, unless otherwise
noted.
TOTAL HARMONIC DISTORTION + NOISE at
–1 dB
DYNAMIC RANGE and SNR
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE at
–1 dB
DYNAMIC RANGE and SNR
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE at
–1 dB
DYNAMIC RANGE AND SNR
vs SAMPLING FREQUENCY
vs SAMPLING FREQUENCY
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com