Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA382BWSTR Arkusz danych(PDF) 76 Page - STMicroelectronics

Numer części STA382BWSTR
Szczegółowy opis  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR Arkusz danych(HTML) 76 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 72Page - STMicroelectronics STA382BWSTR Datasheet HTML 73Page - STMicroelectronics STA382BWSTR Datasheet HTML 74Page - STMicroelectronics STA382BWSTR Datasheet HTML 75Page - STMicroelectronics STA382BWSTR Datasheet HTML 76Page - STMicroelectronics STA382BWSTR Datasheet HTML 77Page - STMicroelectronics STA382BWSTR Datasheet HTML 78Page - STMicroelectronics STA382BWSTR Datasheet HTML 79Page - STMicroelectronics STA382BWSTR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 172 page
background image
Register description: New Map
STA382BWS
76/172
Doc ID 022784 Rev 1
Figure 25.
Basic limiter and volume flow diagram
Table 68.
Limiter attack rate as a
function of LxA bits
Table 69.
Limiter release rate as a
function of LxR bits
LxA[3:0]
Attack rate dB/ms
LxR[3:0]
Release rate dB/ms
0000
3.1584
Fast
Slow
0000
0.5116
Fast
Slow
0001
2.7072
0001
0.1370
0010
2.2560
0010
0.0744
0011
1.8048
0011
0.0499
0100
1.3536
0100
0.0360
0101
0.9024
0101
0.0299
0110
0.4512
0110
0.0264
0111
0.2256
0111
0.0208
1000
0.1504
1000
0.0198
1001
0.1123
1001
0.0172
1010
0.0902
1010
0.0147
1011
0.0752
1011
0.0137
1100
0.0645
1100
0.0134
1101
0.0564
1101
0.0117
1110
0.0501
1110
0.0110
1111
0.0451
1111
0.0104
Gain
+
Atten uatio n
Saturatio n
RMS
Gain / Vo lume
In p ut
Limiter
Outp ut
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More