Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA382BWSTR Arkusz danych(PDF) 35 Page - STMicroelectronics

Numer części STA382BWSTR
Szczegółowy opis  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR Arkusz danych(HTML) 35 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 31Page - STMicroelectronics STA382BWSTR Datasheet HTML 32Page - STMicroelectronics STA382BWSTR Datasheet HTML 33Page - STMicroelectronics STA382BWSTR Datasheet HTML 34Page - STMicroelectronics STA382BWSTR Datasheet HTML 35Page - STMicroelectronics STA382BWSTR Datasheet HTML 36Page - STMicroelectronics STA382BWSTR Datasheet HTML 37Page - STMicroelectronics STA382BWSTR Datasheet HTML 38Page - STMicroelectronics STA382BWSTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 172 page
background image
STA382BWS
Device overview
Doc ID 022784 Rev 1
35/172
4.3.7
Offset
The offset is a user-selectable gain or volume control. When using the STC it is advised to
use the offset to tune the output volume instead of the regular volume controls. The offset is
located before the attenuator block, ensuring that the output power limit (limiter threshold) is
never exceeded (Figure 12). On the other side, the traditional volume control is located after
the STC attenuator, thus a wrong setting of this control could nullify the STC effect.
Each sub-band has its own and independent offset. Its range is [0, +48] dB with a 0.25 dB
step (Table 12).
Figure 12.
Offset effect
4.3.8
Stereo link
The stereo link feature allows applying the same attenuation to the corresponding band of
each channel (i.e. band 0 left channel and band 0 right or band 1 left channel and band 1
right channel). This should help to prevent image shifting that could occur when individually
compressing each channel and causing a volume mismatch between left and right.
When the stereo link is active, the proper attenuation for each band is independently
computed, then the highest one for each band is applied (Figure 13).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More