Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA382BWSTR Arkusz danych(PDF) 83 Page - STMicroelectronics

Numer części STA382BWSTR
Szczegółowy opis  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR Arkusz danych(HTML) 83 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 79Page - STMicroelectronics STA382BWSTR Datasheet HTML 80Page - STMicroelectronics STA382BWSTR Datasheet HTML 81Page - STMicroelectronics STA382BWSTR Datasheet HTML 82Page - STMicroelectronics STA382BWSTR Datasheet HTML 83Page - STMicroelectronics STA382BWSTR Datasheet HTML 84Page - STMicroelectronics STA382BWSTR Datasheet HTML 85Page - STMicroelectronics STA382BWSTR Datasheet HTML 86Page - STMicroelectronics STA382BWSTR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 172 page
background image
STA382BWS
Register description: New Map
Doc ID 022784 Rev 1
83/172
Writing a set of coefficients to RAM
1.
Write 6 bits of the starting address to I2C register 0x27.
2.
Write the top 8 bits of coefficient b1 in I2C address 0x28.
3.
Write the middle 8 bits of coefficient b1 in I2C address 0x29.
4.
Write the bottom 8 bits of coefficient b1 in I2C address 0x2A.
5.
Write the top 8 bits of coefficient b2 in I2C address 0x2B.
6.
Write the middle 8 bits of coefficient b2 in I2C address 0x2C.
7.
Write the bottom 8 bits of coefficient b2 in I2C address 0x2D.
8.
Write the top 8 bits of coefficient a1 in I2C address 0x2E.
9.
Write the middle 8 bits of coefficient a1 in I2C address 0x2F.
10. Write the bottom 8 bits of coefficient a1 in I2C address 0x30.
11. Write the top 8 bits of coefficient a2 in I2C address 0x31.
12. Write the middle 8 bits of coefficient a2 in I2C address 0x32.
13. Write the bottom 8 bits of coefficient a2 in I2C address 0x33.
14. Write the top 8 bits of coefficient b0 in I2C address 0x34.
15. Write the middle 8 bits of coefficient b0 in I2C address 0x35.
16. Write the bottom 8 bits of coefficient b0 in I2C address 0x36.
17. Write 1 to the WA bit in I2C address 0x37.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the
STA382BWS generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More