| Zakładka z wyszukiwarką danych komponentów |
|
GP32/2 Arkusz danych(PDF) 12 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 Arkusz danych(HTML) 12 Page - Clarke International |
|
12 / 44 page ![]() 12 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com GENERATOR PREPARATION STEP 1 - ADD/CHECK OIL NOTE: THE GENERATOR IS SHIPPED WITHOUT OIL ADDED. The user must add the proper amount of oil before operating the generator for the first time. The oil capacity of the engine crankcase is 1litre (35.2 fl.oz). NOTE: Depending on outside working temperature, to find out which oil to use, consult the chart shown. To add oil, follow these steps: 1. Place the generator on a level surface. Make sure the engine is OFF before adding or checking oil. 2. Loosen the screws on the left side access cover and remove the cover from the side panel as shown. Unscrew the yellow oil dipstick from the engine. |