| Zakładka z wyszukiwarką danych komponentów |
|
GP32/2 Arkusz danych(PDF) 17 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 Arkusz danych(HTML) 17 Page - Clarke International |
|
17 / 44 page ![]() 17 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 3. Turn the FUEL SWITCH to the ‘ON’ position as shown. After completing steps 1 to 3, there are three ways to start the generator, either by Electric One Button Start, Remote Control or Manual Recoil Start, as follows: ELECTRIC ONE BUTTON START & REMOTE CONTROL 1. Hold down the ENGINE START/STOP button for 5 seconds. NOTE: If the engine does not start, release the button, wait 10 seconds and try again. Keeping the button compressed for too long can damage the starter. NOTE: If you have repeated failed attempts to start the engine, please consult the troubleshooting guide on pages 28-29. 2. Alternatively, hold down the ENGINE START button on the remote control for 5 seconds. 3. Allow the generator to run for several minutes before attempting to connect any electrical devices. This allows the generator to stabilise its speed and temperature. MANUAL RECOIL START NOTE: Use the Recoil Starter when the battery voltage is too low to turn the starter motor. |