| Zakładka z wyszukiwarką danych komponentów |
|
GP32/2 Arkusz danych(PDF) 24 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 Arkusz danych(HTML) 24 Page - Clarke International |
|
24 / 44 page ![]() 24 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 4. Reach under the generator and remove the black rubber seal located below the oil drain plug. 5. Remove the oil fill cap/dipstick. 6. Remove the other black rubber seal located in the front of the oil drain plug. 7. Use a spanner to remove the oil drain plug and allow the oil to drain completely. 8. Reinstall the oil drain plug after the oil has drained. 9. Reinstall the 2 black rubber seals. NOTE: NEVER dispose of used engine oil in general rubbish or down a drain. See local authority recycling for more information. 10. With the generator in a level position, refill the the engine with new oil. See section Add/Check Oil on page 12. 11. Reinstall the oil dipstick and tighten it securely. Wipe clean any oil spillage and reinstall the oil access cover. 12. Replace the maintenance cover. TRANSPORTING THE GENERATOR To prevent fuel spillage when transporting, be sure to perform the following: 1. Tighten the fuel cap and turn the vacuum relief valve to ‘OFF’ 2. Set the engine switch to ‘OFF’. 3. Drain the fuel tank if possible, see section Draining the Fuel Tank/carburettor on pages 22-23. 4. Keep the generator upright. NEVER place the generator on its side or upside down - doing so will make it difficult to start next time. WARNING: AVOID DIRECT SUNLIGHT INSIDE A VEHICLE. IF THE GENERATOR IS LEFT IN AN ENCLOSED VEHICLE FOR MANY HOURS, THE HIGH TEMPERATURE COULD CAUSE THE FUEL TO VAPORISE AND RESULT IN A POSSIBLE EXPLOSION. |