| Zakładka z wyszukiwarką danych komponentów |
|
GP32/2 Arkusz danych(PDF) 15 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 Arkusz danych(HTML) 15 Page - Clarke International |
|
15 / 44 page ![]() 15 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com terminal disconnected to maximise safety. To start the generator using the electric start, the battery must be connected. To connect the battery, follow these steps: 1. Loosen the screws to the right side maintenance cover. Remove cover and set aside. 2. Connect the red wire to the positive (+) terminal first, then connect the black wire to the negative (-) terminal. Make sure all connections are tight. NOTE: Be careful not to short across the terminals when installing. Shorting the terminals together can cause sparks, damage the battery and/or generator and can cause burns or explosions. 3. Reinstall and secure the maintenance cover. NOTE: If you do not plan to use the generator for a long period of time, we recommend to disconnect the negative (black, ‘-’) battery cable from the battery to protect the battery from losing charge. After disconnecting the cable, cover the free end with an insulator such as electrical tape. You may also choose to use a trickle charger (not included) to maintain battery charge. STEP 4 - GROUND THE GENERATOR To reduce the risk of electric shock and to maximise safety, the generator should be properly grounded. Ground the generator by connecting a grounding wire to the grounding nut on the front control panel and tighten. A generally acceptable ground- ing wire is a No.14 SWG (Standard Wire Gauge) stranded copper wire. This grounding wire should be connected at the other end to a copper, brass or steel grounding rod that is driven into the earth. Wire and grounding rods are not included with the generator. NOTE: Grounding codes can vary by location. Contact a local electrician to check the area codes. |