Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAASC5 Arkusz danych(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAASC5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAASC5 Arkusz danych(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7912BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev 1.0
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
DIO7912
300 mA, Ultra-Low-Noise, Low-IQ LDO
Features
Operating Input Voltage Range: 1.6 V to 5.5 V
Output Voltage Range: 0.8 V to 3.3 V
Output current: 300 mA
Ultra-Low Quiescent Current: Typ. 25 µA
Dropout voltage: 170 mV at IOUT=300 mA
PSRR: 75dB at 1 kHz, IOUT = 20 mA
Output Voltage Tolerance: ±1%
Stable with Ceramic Capacitors 1 µF
Thermal-Overload Protection
Short-Circuit Protection
Quick Output Discharge
DIO7912A: available
DIO7912B: not available
Available in Small DFN1*1-4, SOT23-5, and
DFN0.8*0.8-4, SC70-5 Packages
These Devices are Pb−Free, Halogen
Free/BFR Free, and are RoHS Compliant
Applications
MP3/MP4 Players
Cellphones, Radiophone, Digital Cameras
Bluetooth, Wireless Handsets
Others portable electronics device
Descriptions
The DIO7912 series is a high-accuracy, low-noise,
high-speed, high-PSRR, and low-dropout CMOS
Linear regulator with high ripple rejection. The
devices offer a new level of cost-effective
performance in cellular phones, laptop and
notebook computers, and other portable devices.
The DIO7912 has the fold-back maximum output
current which depends on the output voltage. So
the current limit functions both as a short circuit
protection and as an output current limiter.
The device is available in DFN1*1-4, SOT23-5,
DFN0.8*0.8-4, and SC70-5 packages.
Typical Applications
V
OUT
CIN
1 µF
1 µF
IN
IN
OUT
EN
GND
V
COUT
On
Off


Podobny numer części - DIO7912BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results

Podobny opis - DIO7912BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20 Datasheet
450Kb / 24P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com