Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAASC5 Arkusz danych(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAASC5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAASC5 Arkusz danych(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7912BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DIO7912
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
Detailed Description
Overview
The DIO7912 series of LDO linear regulators are low quiescent current devices with excellent line and load
transient performance. These LDOs are designed for power-sensitive applications. A precision bandgap and error
amplifier provide overall 1% accuracy. Low output noise, very high PSRR, and low dropout voltage make this
series of devices ideal for most battery-operated handheld equipment. All device versions have integrated thermal
shutdown, and current limit.
Block Diagram
Internal Current Limit
The DIO7912 internal current limit helps to protect the regulator during fault conditions. During the current limit,
the output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated and VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) × ICL until
the thermal shutdown is triggered and the device turns off. As the device cools down, it is turned on by the internal
thermal shutdown circuit. If the fault condition continues, the device cycles between the current limit and thermal
shutdown.
The PMOS pass element in the DIO7912 has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
Shut down
The enable pin (EN) is active high. The device is enabled when the voltage at EN pin goes above 1V. The device
is turned off when the EN pin is held at less than 0.4V. When shutdown capability is not required, EN can be
connected to the IN pin.
Dropout Voltage
The DIO7912 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(on) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves as a resistor in dropout.
DIO7912
LO GI C
Bandgap
U VLO
Therm al
S hutdown
Current
Li mit
VIN
EN
GND
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com