Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAASC5 Arkusz danych(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAASC5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAASC5 Arkusz danych(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7912BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DIO7912
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
Pin Assignments
SOT23-5/SC70-5
DFN1*1-4
DFN0.8*0.8-4
Figure 1 Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
OUT
Output Voltage Pin
EN
Enable Pin. This pin has an internal pull-down resistor. A logic low reduces the supply current to
less than 1 μA. Connect to logic “High” for normal operation.
GND
Power Supply Ground
IN
Input Voltage Pin
NC
No connection
EN
OUT
GND
IN
Thermal
PAD
1
2
3
4
5
NC
GND
IN
EN
OUT
OUT
1
5
EN
3
GND
IN
2
4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com