Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7913BAASC5 Arkusz danych(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7913BAASC5
Szczegółowy opis  300 mA, Low Noise, Low Quiescent Current LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7913BAASC5 Arkusz danych(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7913BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DIO7913
Version 1.0, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
300 mA, Low Noise, Low Quiescent Current LDO
Features
Wide input voltage range: 1.8 V to 5.5 V
Output voltage range: 1.0 V to 3.6 V
Output current: 300 mA
Low quiescent current: 30 µA typ.
Dropout voltage: 210 mV at IOUT = 300 mA, VOUT
= 2.8 V
PSRR: 65 dB at 1 kHz, IOUT = 20 mA at VOUT =
2.8 V
Output voltage tolerance: ±1% at VOUT ≥ 2 V, TA
= 25 °C
Thermal-overload protection
Short-circuit protection
Quick output discharge:
−
DIO7913A: available
−
DIO7913B: not available
These devices are Pb−free, halogen free / BFR
free, and RoHS compliant
Applications
MP3/MP4 players
Smartphones
Digital cameras
Notebooks
Set-top boxes
Bluetooth, wireless handsets
Package Information
Part Number
Package
Body Size
DIO7913
SOT23-5 2.926 mm × 1.626 mm
SC70-5
2.07 mm × 1.26 mm
DFN-6
2.0 mm × 2.0 mm
DFN-4
0.8 mm × 0.8 mm
DFN-4
1.0 mm × 1.0 mm
Description
The DIO7913 series is a high-accuracy, low-noise,
high-speed, high-PSRR, and low-dropout CMOS
linear regulator with high ripple rejection.
Featuring a low dropout voltage, the DIO7913 can
effectively reduce system power dissipation. The high
PSRR helps in minimizing noise interference,
ensuring a clean power output.
The device offers a new level of cost-effective
performance in cellular phones, laptop and notebook
computers, and other portable devices.
The DIO7913 has the fold-back maximum output
current that depends on the output voltage. So the
current limit functions both as a short-circuit
protection and as an output current limiter.
Simplified Schematic


Podobny numer części - DIO7913BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results

Podobny opis - DIO7913BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
200 mA low quiescent current and low noise LDO
October 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com