Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7913BAASC5 Arkusz danych(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7913BAASC5
Szczegółowy opis  300 mA, Low Noise, Low Quiescent Current LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7913BAASC5 Arkusz danych(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7913BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DIO7913
Version 1.0, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
8. Function Description
The DIO7913 series is a high-accuracy, low-noise, high-speed, high-PSRR, and low-dropout CMOS linear
regulator with high ripple rejection. Low output noise, very high PSRR, and low dropout voltage make this
series of devices ideal for most portable devices. The DIO7913 has the fold-back maximum output current
that depends on the output voltage. So the current limit functions both as a short-circuit protection and as
an output current limiter.
8.1. Shut down (EN)
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin is above 0.825 V.
The device is turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not
required, EN can be connected to the IN pin.
8.2. Power-on reset (POR)
The internal circuitry is triggered to reset if the input VIN power supply falls below the POR threshold. The
power sequence as below figure:
Figure 21. Timing diagram
8.3. Current limit
The device is protected during transient high-load current faults or shorting events by an internal current
limit circuit. The current limit is a hybrid scheme that transitions from a current-limit scheme to a short-limit
scheme at the voltage about 0.2 V. When the output is shorted, the device supplies a typical current called
the short-circuit current limit (ISC). In a high-load current fault with the output voltage above 0.2 V, the
current-limit scheme limits the output current to ICL. When the voltage drops below 0.2 V, a short-current
limit activates that scales back the current as the output voltage approaches GND.
When the device is within the current limit, the output voltage is not regulated. The device begins to heat up
when a current limit event occurs, and if a thermal shutdown is triggered, the device turns off. When the
device is in current-limit, the pass transistor dissipates power [(VIN - VOUT) × ICL]. When the device output is
shorted and the output is below 0.2 V, the pass transistor dissipates power [(VIN - VOUT) × ISC]. The internal
thermal shutdown circuit turns the device back on after the device cools down. The device cycles between
the current limit and thermal shutdown if the output current fault condition continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com