Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7913BAASC5 Arkusz danych(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7913BAASC5
Szczegółowy opis  300 mA, Low Noise, Low Quiescent Current LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7913BAASC5 Arkusz danych(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7913BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DIO7913
Version 1.0, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6.5
V
VOUT
Output voltage
-0.3 to VIN
V
VEN
Chip enable input voltage
-0.3 to VIN
V
IOUT
Output current
300
mA
TL
Maximum lead temperature
260
°C
TJ(MAX)
Operating junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VCC
Operating supply voltage
1.8 to 5.5
V
TA
Ambient temperature range
-40 to 125
°C
4. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
SOT23-5
132
°C/W
DFN1*1-4
250
DFN0.8*0.8-4
400
SC70-5
307.6
DFN2*2-6
157
RθJC
Junction-to-case thermal resistance
SOT23-5
52
°C/W
DFN2*2-6
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com