Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLRC663PLUS Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części CLRC663PLUS
Szczegółowy opis  power consumption
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663PLUS Arkusz danych(HTML) 4 Page - NXP Semiconductors

  CLRC663PLUS Datasheet HTML 1Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 2Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 3Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 4Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 5Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 6Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 7Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 8Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
3
PUBLIC
CLRC663 plus
– product features
› 350mA maximum operating transmitter current with
limiting value of 500mA
› Power supply voltage: 2.5 to 5.5V
› Extended operating temperature range: -40 to +105°C
› 512byte FIFO buffer for highest transaction performance
› Flexible and efficient power saving modes including hard
power down, standby and low-power card detection
› Integrated PLL provides external system clock from
27.12MHz RF crystal
Licenses and supported standards
› Includes NXP ISO/IEC14443-A, NXP MIFARE® and
Innovatron ISO/IEC14443-B licenses
› Crypto 1 intellectual property licensing rights
› Hardware supports for MIFARE Classic encryption
› EMVCo 2.6 L1 analog compliancy on RF level and digital
compliancy with NXP NFC reader library
Characteristics
› Host interfaces: SPI (10Mbit/s), I2C (1000kbit/s) and
UART (1228.8kbit/s)
› SAM interface in X-mode
› Up-to 8 general purpose inputs/outputs
Interfaces
Reader and Writer mode
› ISO/IEC 14443A/MIFARE
› ISO/IEC 14443B
› JIS X 6319-4 (comparable with FeliCa1 scheme)
› ISO/IEC 15693 (ICODE-SLIX, ICODE-DNA)
› ISO/IEC 18000-3 mode 3/ EPC Class-1 HF (ICODE-ILT)
Peer to Peer mode
› Passive-Initiator according to ISO/IEC 14443A (106kbit/s)
and FeliCa (212 and 424kbit/s)
Allows to read and write
› All MIFARE® family: Ultralight, Classic 1K & 4K, DESFire
EV1 & EV2 and Plus EV1
› All NTAG® family incl. NTAG I²C plus
› All SmartMX® family incl. SmartMX2 P40 & P60
Supported RF protocols
› HVQFN32
› Wettable flanks
Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com