Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLRC663PLUS Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części CLRC663PLUS
Szczegółowy opis  power consumption
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663PLUS Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button CLRC663PLUS Datasheet HTML 3Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 4Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 5Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 6Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 7Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 8Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 9Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 10Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6
PUBLIC
CLRC663 plus vs. other NXP NFC frontends
Dynamic
Power
Control
SW stack
ISO/IEC
18092
Target
ISO/IEC
18092
Initiator
Output
Power
(TX current)
Reader
Writer
NFC tag
type
emulation
EMVCo RF
PN512
PN5180
CLRC663
plus
ISO14443(1)
Mifare, FeliCa
ISO15693(2)
5V output
stage
(350mA)
L1
NFC
& EMVCo
ISO14443(1)
Mifare, FeliCa
Active &
Passive
Active &
Passive
3.6V output
stage
(100mA)
L1
with booster
NFC
& EMVCo
ISO14443(1)
Mifare, FeliCa
ISO15693(2)
4A
Active &
Passive
Active &
Passive
5V output
stage
(250mA)
L1
Full NFC
& EMVCo
Peer-to-Peer
2, 3, 4A(3)
No
No
Yes
Passive
1.
ISO/IEC14443
2.
ISO/IEC15693
3.
No software available for NFC tag type 2 and 3 emulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com