Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLRC663PLUS Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części CLRC663PLUS
Szczegółowy opis  power consumption
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663PLUS Arkusz danych(HTML) 5 Page - NXP Semiconductors

  CLRC663PLUS Datasheet HTML 1Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 2Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 3Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 4Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 5Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 6Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 7Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 8Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
PUBLIC
CLRC663 plus
– target markets
ACCESS
CONTROL
PAYMENT
TERMINAL
GAMING
•
highest transmitter current
•
EMVCo 2.6 L1 analog and digital
compliant
•
extended Low Power Card
Detection range with new
configuration options
•
low supply voltage for battery support
down to 2.5V
•
broad temperature range from
-40°C to +105°C
•
pin-to-pin and software compatible to
CLRC663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com