Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLRC663PLUS Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części CLRC663PLUS
Szczegółowy opis  power consumption
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663PLUS Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button CLRC663PLUS Datasheet HTML 4Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 5Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 6Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 7Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 8Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 9Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 10Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 11Page - NXP Semiconductors CLRC663PLUS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
7
PUBLIC
CLRC663 plus vs. PN5180 and PN7462
Feature
CLRC663 plus
PN5180
PN7462
Comment
Package
HVQFN32
HVQFN40
TFBGA64
HVQFN64
CLRC663 plus is pin-to-pin compatible with
CLRC663
RF transmitter supply voltage
2.5 to 5.5V
2.7 to 5.5V
3 to 5.5V
CLRC663 plus enables better support for
battery powered systems
General Purpose Input/Output pins
(e.g. to drive LEDs)
4
up-to 8
up-to 7
outputs only
12
up-to 21
PN5180 has up-to 7 general purpose outputs
on TFBGA64 package only
Max. operating transmitter current
350mA
(lim. 500mA)
250mA
with DPC
250mA
with DPC
CLRC663 plus enables more flexibility in the
antenna design
Temperature range
-40 to +105
°C
-30 to +85
°C
-40 to +85
°C
CLRC663 plus has an automotive or industrial
temperature range
Low power card detection
range: very good
power: best
range: best
power: good
range: best
power: good
CLRC663 plus offers the lowest power
consumption
Complete set of field proven
software libraries
NFC &
EMVCo
Full NFC
& EMVCo
Full NFC
& EMVCo
Full NFC forum certified library; EMVCo 2.6
Waveform Control
Yes
Yes
(adaptive)
Yes
(adaptive)
Adaptive Waveform Control improves wave
shape stability under detuned conditions
Adaptive Range Control
No
Yes
Yes
Adaptive Range Control increases sensibility
and robustness under detuned conditions
Freely programmable MCU (flash)
No
No
Cortex M0
(160kB)
PN7462 enables an 1-chip reader solution
Host interfaces
SPI, I²C, UART
SPI
USB, HSUART,
SPI, I²C
PN7462 has also two master interfaces (SPI,
I²C) and one contact reader interface
SAM Interface
Yes
with X-mode
No
Yes
The SAM interface allows to store keys in a
secure container



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com