Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV601 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części DRV601
Szczegółowy opis  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Arkusz danych(HTML) 4 Page - Texas Instruments

  DRV601_08 Datasheet HTML 1Page - Texas Instruments DRV601_08 Datasheet HTML 2Page - Texas Instruments DRV601_08 Datasheet HTML 3Page - Texas Instruments DRV601_08 Datasheet HTML 4Page - Texas Instruments DRV601_08 Datasheet HTML 5Page - Texas Instruments DRV601_08 Datasheet HTML 6Page - Texas Instruments DRV601_08 Datasheet HTML 7Page - Texas Instruments DRV601_08 Datasheet HTML 8Page - Texas Instruments DRV601_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OPERATING CHARACTERISTICS
DRV601
SLOS553A – JANUARY 2008 – REVISED AUGUST 2008 ................................................................................................................................................ www.ti.com
VDD = 3.3 V , TA = 25°C, RL = 600 Ω, C(PUMP) = C(PVSS) = 1 µF , CIN = 1 µF, Rin = 10 kΩ, Rfb = 20 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, VDD = 3.3 V, f = 1 kHz
2.1
THD = 1%, VDD = 4.5 V, f = 1 kHz
2.7
VO
Output Voltage(Outputs In Phase)
VRMS
THD = 1%, VDD = 4.5 V, f = 1 kHz, RL =
2.8
100 k
VO = 2 Vrms, f = 1 kHz
0.008%
THD+N
Total harmonic distortion plus noise
VO = 2 Vrms, f = 6.67 kHz
0.030%
Crosstalk
VO = 2 Vrms, f = 1 kHz
-80
dB
Avo
Open-loop voltage gain
155
dB
Rin
Input resistor range
1
10
47
k
Rfb
Feedback resistor range
4.7
20
100
k
Slew rate
2.2
V/µs
Maximum capacitive load
300
pF
Vn
Noise output voltage
22-kHz filter, A-weighted
10
µVrms
ESD
Electrostatic discharge
OUTR, OUTL
±8
kV
fosc
Charge pump switching frequency
280
320
420
kHz
Start-up time from shutdown
450
µs
Input impedance
1
M
Vo = 2 Vrms (THD+N = 0.1%), 22-kHz BW,
SNR
Signal-to-noise ratio
105
dB
A-weighted
G(bw)
Unity Gain Bandwidth
3.5
MHz
Threshold
150
170
°C
Thermal shutdown
Hysteresis
15
°C
4
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com