Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV601 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części DRV601
Szczegółowy opis  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DRV601_08 Datasheet HTML 2Page - Texas Instruments DRV601_08 Datasheet HTML 3Page - Texas Instruments DRV601_08 Datasheet HTML 4Page - Texas Instruments DRV601_08 Datasheet HTML 5Page - Texas Instruments DRV601_08 Datasheet HTML 6Page - Texas Instruments DRV601_08 Datasheet HTML 7Page - Texas Instruments DRV601_08 Datasheet HTML 8Page - Texas Instruments DRV601_08 Datasheet HTML 9Page - Texas Instruments DRV601_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
0.001
10
0.01
0.1
1
V
=1.8V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=3.3V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=4.5V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=3.3V,
R =600
,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=1.8V,
R =600
,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=4.5V,
R =600
,
f=1kHz
DD
L
W
DRV601
SLOS553A – JANUARY 2008 – REVISED AUGUST 2008 ................................................................................................................................................ www.ti.com
C(PUMP) = C(PVSS) = 1 µF , CIN = 1 µF, Rin = 10 kΩ, Rfb = 20 kΩ (unless otherwise noted)
FIGURE
Total harmonic distortion + noise
vs Output Voltage
1-6
Total harmonic distortion + noise
vs Frequency
7-8
Quiescent supply current
vs Supply voltage
9
Output spectrum
10
Gain and phase
vs Frequency
11-12
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 4.
Figure 5.
Figure 6.
6
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com