Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV601 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części DRV601
Szczegółowy opis  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Arkusz danych(HTML) 1 Page - Texas Instruments

  DRV601_08 Datasheet HTML 1Page - Texas Instruments DRV601_08 Datasheet HTML 2Page - Texas Instruments DRV601_08 Datasheet HTML 3Page - Texas Instruments DRV601_08 Datasheet HTML 4Page - Texas Instruments DRV601_08 Datasheet HTML 5Page - Texas Instruments DRV601_08 Datasheet HTML 6Page - Texas Instruments DRV601_08 Datasheet HTML 7Page - Texas Instruments DRV601_08 Datasheet HTML 8Page - Texas Instruments DRV601_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
DRV601
www.ti.com ................................................................................................................................................ SLOS553A – JANUARY 2008 – REVISED AUGUST 2008
DIRECTPATH™ STEREO LINE DRIVER, ADJUSTABLE GAIN
• Independent Right and Left Channel
Shutdown Control
2
• External Gain Setting Resistors
• Short-Circuit and Thermal Protection
• Space Saving Package
• Pop Reduction Circuitry
20-Pin, 4 mm × 4 mm Thin QFN, Thermally
Optimized PowerPAD™ Package
• Ground-Referenced Outputs Eliminate
• Set-Top Boxes
DC-Blocking Capacitor
• CD / DVD Players
Reduce Board Area
• DVD-Receivers
Reduce Component Cost
• HTIB
Improve THD+N Performance
• PDP / LCD TV's
No Degradation of Low-Frequency
Response Due to Output Capacitors
• Wide Power Supply Range: 1.8 V to 4.5 V
• 2 Vrms/Ch Output Voltage into 600 Ω at 3.3 V
supply
The DRV601 is a stereo line driver designed to allow the removal of the output dc-blocking capacitors for
reduced component count and cost. The device is ideal for single supply electronics where size and cost are
critical design parameters.
The DRV601 is capable of driving 2 Vrms into a 600-
Ω load at 3.3 V. The device has external gain setting
resistors, that support a gain range of -1V/V to -10V/V, and line outputs that has ±8-kV IEC ESD protection. The
device has independent shutdown control for the right and left audio channels.
The DRV601 is available in a 4 mm × 4 mm Thin QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DIRECTPATH, PowerPAD, DirectPath are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DRV601_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV601RTJR TI-DRV601RTJR Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJRG4 TI-DRV601RTJRG4 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJT TI-DRV601RTJT Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJTG4 TI-DRV601RTJTG4 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results

Podobny opis - DRV601_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV600 TI-DRV600 Datasheet
600Kb / 16P
DIRECTPATH??STEREO LINE DRIVER
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
DIRECTPATH??STEREO LINE DRIVER
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com