Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STMEC001ATTR Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STMEC001ATTR
Szczegółowy opis  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001ATTR Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STMEC001ATTR Datasheet HTML 4Page - STMicroelectronics STMEC001ATTR Datasheet HTML 5Page - STMicroelectronics STMEC001ATTR Datasheet HTML 6Page - STMicroelectronics STMEC001ATTR Datasheet HTML 7Page - STMicroelectronics STMEC001ATTR Datasheet HTML 8Page - STMicroelectronics STMEC001ATTR Datasheet HTML 9Page - STMicroelectronics STMEC001ATTR Datasheet HTML 10Page - STMicroelectronics STMEC001ATTR Datasheet HTML 11Page - STMicroelectronics STMEC001ATTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Maximum ratings
STMEC001
8/19
3
Maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute maximum ratings(1)
1.
Absolute maximum ratings are those values above which damage to the device may occur. Functional
operation under these conditions is not implied. All voltages are referenced to GND.
Symbol
Parameter
Value
Unit
VI
Input voltage
VI(3.3VIN) – 0.3 to 4.6
V
VI(1.5VIN) – 0.3 to 4.6
V
VI(3.3VAUX) – 0.3 to 4.6
V
IO
Output current
VI(3.3VIN) internally limited
VI(1.5VIN) internally limited
VI(3.3VAUX) internally limited
TOP
Operating junction temperature, TJ
(max to be calc. at worst case PD at
85° C ambient)
–40 to 120
° C
TSTG
Storage temperature range
–55 to 150
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19