| Zakładka z wyszukiwarką danych komponentów |
|
STMEC001ATTR Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMEC001ATTR Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() STMEC001 Power states 9/19 4 Power states The STMEC001 operates in a number of states, as described in the following table: 4.1 Power states description ● No card mode: when no card is inserted, and at least 3.3 VAUX is available, all outputs are grounded ● Shutdown mode: when /SHDN is asserted, and at least 3.3 VAUX is available all outputs are grounded ● USB/PW enable mode: when all 3 inputs are available, detection of cartd insertion turns on all 3 outputs. – VIN_3.3 V, VIN_3.3VAUX and VIN_1.5 V are present at the USB/PW enable input of the power switch prior to a card being inserted. Power to the card is based on the state of /CPUSB and /CPPE (see table). – The card is present and VIN_1.5 V or/and VIN_3.3 V is removed from the input of the power switch; VIN_3.3VAUX will still be provided to the card, VIN_1.5 and VIN_3.3 V will be disabled (see table). If power to VIN_1.5 V and VIN_3.3 V is restored, output to the card will be restored. – Prior to the insertion of a card, VIN_3.3 VAUX is available, VIN_3.3 V and VIN_1.5 V are not available; no power is made available to the card. If VIN_1.5 V and VIN_3.3 V are made available at the input of the power switch after the card is inserted, both VO_3.3 V and VO_1.5 V are made available to the card. – Standy mode: when all 3 supplies are available and /STBY is asserted. Only 3.3 VAUX output is on. – OFF mode: if VAUX is off, all outpus are off. When VIN_3.3VAUX is not present, VIN_1.5 V or/and VIN_3.3 V must not be present. Table 5. Power states Voltage inputs Logic states Outputs Mode 3.3VAUX 3.3 V 1.5 V /SHDN /CPUSB /CPPE /STBY 3.3VAUX 3.3 V 1.5 V ON X X 1 1 1 X GND GND GND No card ON X X 0 X X X GND GND GND Shutdown ON ON ON 1 0 X 1 ON ON ON USB enable ON ON ON 1 X 0 1 ON ON ON PE enable ON ON ON 1 X X 0 ON OFF OFF Standby OFF X X X X X X OFF OFF OFF OFF |