Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STMEC001ATTR Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STMEC001ATTR
Szczegółowy opis  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001ATTR Arkusz danych(HTML) 5 Page - STMicroelectronics

  STMEC001ATTR Datasheet HTML 1Page - STMicroelectronics STMEC001ATTR Datasheet HTML 2Page - STMicroelectronics STMEC001ATTR Datasheet HTML 3Page - STMicroelectronics STMEC001ATTR Datasheet HTML 4Page - STMicroelectronics STMEC001ATTR Datasheet HTML 5Page - STMicroelectronics STMEC001ATTR Datasheet HTML 6Page - STMicroelectronics STMEC001ATTR Datasheet HTML 7Page - STMicroelectronics STMEC001ATTR Datasheet HTML 8Page - STMicroelectronics STMEC001ATTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STMEC001
Pin description
5/19
1.1
Pin functional description
Table 3.
Pin detailed descriptions
Symbol
Description
CPPE
A logic low level on this input indicates that the card present supports PCI Express
functions. This input pin connects to the 3.3 VAUX input through a 150 kΩ internal pull up.
When inserted, the card physically connects this input to ground if the card supports PCI
Express functions.
CPUSB
A logic low level on this input indicates that the card present supports USB functions. The
input pin CPUSB connects to the 3.3 VAUX input through a 150 kΩ internal pull up. When
inserted, the card physically connects CPUSB to ground if the card supports USB
functions.
SHDN
When asserted (logic low), this input instructs the STMEC001 to turn off all voltage
outputs and the discharge FETs at the 3 outputs are activated.
STBY
When asserted (logic low), this input places the power switch in Standby Mode by turning
off the 3.3 V and 1.5 V power switches and keeping the 3.3 VAUX switch on.
RCLKEN
This pin serves as both an input and an output. On power up, the power switch keeps this
signal at a low state as long as any of the output power rails are out of their tolerance
range. Once all output power rails are within tolerance, the power switch releases
RCLKEN allowing it to transition to a high state (internally pulled up to 3.3 VAUX). The
transition of RCLKEN from a low to a high state starts an internal timer for the purpose of
de-asserting /PERST. As an input, RCLKEN can be kept low to delay the start of the
/PERST internal timer. RCLKEN can be used by the host system to enable a clock driver.
PERST
On power up, this output remains asserted. Once all power rails are within tolerance,
RCLKEN is asserted and /PERST is de-asserted after a time delay. On power down, this
output is asserted whenever any of the power rails drop below their voltage tolerance.
SYSRST
This input is driven by the host system and directly affects /PERST. Asserting /SYSRST
(logic level: low) forces /PERST to assert.
OC
The OC pin is an open drain output for over-current indication. Output does not turn off
during over-current condition. The output voltage decreases as the output current
exceeds over-current limit. Only if the temperature increases above the limit the output is
turned off completely. Over-current in one output does not affect the other outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19