Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSODQ6F Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części STM1404CSODQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSODQ6F Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button STM1404CSODQ6F Datasheet HTML 15Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 16Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 17Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 18Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 19Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 20Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 21Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 22Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
STM1404
Typical operating characteristics
19/36
Figure 13.
VPFI threshold vs. temperature
Figure 14.
Reset comparator propagation delay vs. temperature
Figure 15.
Power-up trec vs. temperature
Figure 16.
Normalized reset threshold vs. temperature
1.225
1.230
1.235
1.240
1.245
1.250
1.255
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE [
°C]
VCC = 2.5V
VCC = 3.3V
VBAT = 3.0V
AI09693
10
12
14
16
18
20
22
24
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE [
°C]
VBAT = 3.0V
100mV OVERDRIVE
AI09143
195
200
205
210
215
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE [
°C]
10
12
14
16
18
20
22
24
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE [
°C]
VBAT = 3.0V
100mV OVERDRIVE
AI09143
0.994
0.996
0.998
1.000
1.002
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
VBAT = 3.0V
AI09145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com