Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSODQ6F Arkusz danych(PDF) 27 Page - STMicroelectronics

Numer części STM1404CSODQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSODQ6F Arkusz danych(HTML) 27 Page - STMicroelectronics

Back Button STM1404CSODQ6F Datasheet HTML 23Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 24Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 30Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
STM1404
DC and AC parameters
27/36
VOHB
VOH battery backup
(Vccsw)
ISOURCE = 100 µA
0.8VBAT
V
Pull-up supply voltage
(open drain)
RST, SAL, BLD, PFO
3.6
V
Power-fail comparator
VPFI
PFI input threshold
PFI falling (VCC < 3.6 V)
1.212
1.237
1.262
V
PFI hysteresis
PFI rising (VCC < 3.6 V)
10
20
mV
tPFD
PFI to PFO
propagation delay
2µs
Battery switchover
VSO
Battery backup
switchover voltage (6)(7)
Power-
down
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
Power-up
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
VSW
2.4
V
Hysteresis
40
mV
Battery low voltage detect
VDET
Battery detect
threshold
On power-
up only
M
2.25
2.30
2.34
V
N
2.45
2.50
2.55
V
O
3.14
3.20
3.26
V
Voltage reference (option for STM1404A)(8)
VREF
Voltage reference (see
Section 2.9: VREF,
reference voltage
output (1.237, typ) on
page 13)
0°C to 85°C
1.212
1.237
1.262
V
–40° to 0°C
1.200
1.237
1.274
V
IREF+
Source current
0°C to 85°C
15
25
µA
–40° to 0°C
10
15
µA
IREF–
Sink current
10
13
µA
Vn
Output voltage noise
f = 100 Hz to 100 kH
10-100
µVrms
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com