Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSODQ6F Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części STM1404CSODQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSODQ6F Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button STM1404CSODQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 30Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 31Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 32Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 33Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 34Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Part numbering
STM1404
32/36
9
Part numbering
Table 9.
Ordering information scheme (see Figure 31 on page 33 for marking information)
For other options, or for more information on any aspect of this device, please contact the ST sales office
nearest you.
Example:
STM1404
A
T
M
D
Q
6
F
Device type
STM1404: over/under temperature detect
VOUT status (SAL = active-low)
A: VOUT = ON; Vccsw = normal mode
B(1): VOUT = High-Z; Vccsw = high
1.
Contact local ST sales office for availability.
C: VOUT = ground; Vccsw = high
Reset threshold voltage
T: VRST = 3.00 V to 3.15 V
S: VRST = 2.85 V to 3.00 V
R: VRST = 2.55 V to 2.70 V
Battery low voltage detect threshold (VDET)
M: VDET = 2.3 V (typ)
N: VDET = 2.5 V (typ)
O: VDET = 3.2 V (typ)
Under (TL)/over (TH) temperature alarm thresholds (STM1404 only)
B: –25/+80°C
H: –35/+80°C
C: –25/+85°C
I: –35/+85°C
D: –25/+95°C
J: –35/+95°C
Package
Q = QFN16 (3 mm x 3 mm)
Temperature range
6 = –40 to 85°C
Shipping method
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com