Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSODQ6F Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części STM1404CSODQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSODQ6F Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button STM1404CSODQ6F Datasheet HTML 21Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 22Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 23Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 24Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSODQ6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
STM1404
DC and AC parameters
25/36
Figure 26.
STM1404 switchover diagram, condition A (VBAT < VSW)
Figure 27.
STM1404 switchover diagram, condition B (VBAT > VSW)
AI10463
VCC = 3.3V
VSW = 2.4V
VBAT
VBAT – 75mV
VBAT – 35mV
VRST
VOUT
AI10464
VCC = 3.3V
VSW = 2.4V
VBAT
VSW + 40mV
VOUT
Table 6.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC,
VBAT
(2)
Operating voltage
TA = –40 to +85°C
2.2
3.6
V
ICC
VCC supply current
(STM1404A)
Typ @ 3.3 V, 25°C
50
65
µA
VCC supply current
(STM1404B,C)
35
50
µA
VCC supply current in
battery backup mode
Excluding IOUT
(VBAT = 2.3 V, VCC = 2.0
V, MR = VCC)
25
35
µA
IBAT
(3)
VBAT supply current in
battery backup mode
Excluding IOUT
(VBAT = 3.6 V)
5.3
8.0
µA
VOUT1
VOUT voltage (active)
IOUT1 = 5 mA
(4)
(VCC > VSW)
VCC – 0.03
VCC –
0.015
V
IOUT1 = 80 mA
(VCC > VSW)
VCC – 0.3
VCC – 0.15
V
IOUT1 = 250 µA,
VCC > VSW
(4)
VCC –
0.0015
VCC –
0.0006
V
VOUT2
VOUT voltage
(battery
backup)
IOUT2 = 250 µA,
VBAT = 2.2 V
VBAT – 0.1
VBAT – 0.04
V
IOUT2 = 1 mA,
VBAT = 2.2 V
VBAT – 0.16
V
VTPU1
Internal switched
supply voltage (active)
ISOURCE = 5 mA
(VCC > VSW)
VCC – 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com