Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306EN2YPBA Arkusz danych(PDF) 5 Page - Power Analog Micoelectronics

Numer części PAM2306EN2YPBA
Szczegółowy opis  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPBA Arkusz danych(HTML) 5 Page - Power Analog Micoelectronics

  PAM2306EN2YPBA Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Electrical Characteristic
T =25 C, V =3.6V, V =1.8V, C =10μF, C =10μF, L=2.2μH, unless otherwise noted.
AIN
O
IN
O
O
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Regulated Feedback Voltage
VFB
0.588
0.6
0.612
V
Reference Voltage Line Regulation
ΔVFB
0.3
%/V
Regulated Output Voltage Accuary
V
O
I
O =100mA
-3
+3
%
Peak Inductor Current
I
PK
V
IN=3V,VFB =0.5V or VO=90%
1.5
A
Output Voltage Line Regulation
LNR
VIN =2.5V to 5V, IO=10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO=1mA to 1A
0.5
1.5
%
Quiescent Current (per channel)
IQ
No load
40
70
μA
Shutdown Current (per channel)
ISD
VEN =0V
0.1
1
μA
VO = 100%
1.2
1.5
1.8
MHz
Oscillator Frequency
fOSC
VFB =0V or VO =0V
500
kHz
P MOSFET
0.3
0.45
Ω
Drain-Source On-State Resistance
RDS(ON)
IDS=100mA
N MOSFET
0.35
0.5
Ω
SW Leakage Current (per channel)
ILSW
±0.01
1
μA
High Efficiency
η
96
%
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
±0.01
μA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com