Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306EN2YPBA Arkusz danych(PDF) 10 Page - Power Analog Micoelectronics

Numer części PAM2306EN2YPBA
Szczegółowy opis  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPBA Arkusz danych(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPBA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 13Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Load Transient
Io=0-500mA Vo=3.3V Vin=5V
Load Transient
Io=0-1A Vo=1.2V Vin=3.6V
Typical Performance Characteristics
°C
T =25
,C =10 F, C =10 F,L=4.7 H, unless otherwise noted.
AIN
O
μμ
μ
Start-up from Shutdown
Vo=1.8V,Vin=3.6V
Voltage
Output
Enable
Inductor
Current
Voltage
Output
Output
Current
Voltage
Output
Output
Current
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com