Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306EN2YPBA Arkusz danych(PDF) 9 Page - Power Analog Micoelectronics

Numer części PAM2306EN2YPBA
Szczegółowy opis  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPBA Arkusz danych(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPBA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
0.1
0.15
0.2
0.25
0.3
0.35
0.4
23
45
6
Input Voltage(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
20
70
120
Temperature(°C)
Vin=4.2V
Vin=3.6V
Vin=2.7V
Vin=3.6V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
23
45
Supply Voltage(V)
1.50
1.52
1.54
1.56
1.58
20
40
60
80
100
120
140
Temperature(°C)
R
VS Input Voltage
dson
Rdson VS Temperature
Oscillator Frequency VS Supply Voltage
Oscillator Frequency VS Temperature
Vin=3.6V
Vin=3.6V
Vin=3.6V
0
5
10
15
20
25
30
35
40
45
50
2.533.544.5
55.5
Input Voltage(V)
Dynamic Supply Current VS Input Voltage
Vo=1.2V
ILoad=0A
0
10
20
30
40
50
60
40
60
80
100
120
140
Temperature(°C)
Dynamic Supply Current VS Temperature
Vo=1.2V
Vin=3.6V
ILoad=0A
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
T =25 C, C =10 F, C =10 F,L=4.7 H, unless otherwise noted.
AIN
O
O
μμ
μ
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com