Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306EN2YPBA Arkusz danych(PDF) 7 Page - Power Analog Micoelectronics

Numer części PAM2306EN2YPBA
Szczegółowy opis  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPBA Arkusz danych(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPBA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Efficiency vs Input Voltage (
)
Vo=1.5V
Efficiency vs Input Voltage (
)
Vo=1.8V
Efficiency vs Input Voltage (
)
Vo=2.8V
Efficiency vs Input Voltage (
)
Vo=2.5V
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
10mA
100mA
800mA
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
10mA
100mA
800mA
30
40
50
60
70
80
90
100
33.5
44.5
55.5
Input Voltage(V)
10mA
100mA
800mA
30
40
50
60
70
80
90
100
33.544.555.5
Input Voltage(V)
10mA
100mA
800mA
0
10
20
30
40
50
60
70
80
90
100
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=800mA
Eifficiency VS Input Voltage (Vo=3.3V)
Efficiency
Input Voltage (
)
VS
Vo=1.2V
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F, L=4.7 H, unless otherwise noted.
AIN
O
μμ
μ
30
40
50
60
70
80
90
100
33.5
44.5
55.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=800mA
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com