Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 49 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 49 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 45Page - Renesas Technology Corp M37540RSS Datasheet HTML 46Page - Renesas Technology Corp M37540RSS Datasheet HTML 47Page - Renesas Technology Corp M37540RSS Datasheet HTML 48Page - Renesas Technology Corp M37540RSS Datasheet HTML 49Page - Renesas Technology Corp M37540RSS Datasheet HTML 50Page - Renesas Technology Corp M37540RSS Datasheet HTML 51Page - Renesas Technology Corp M37540RSS Datasheet HTML 52Page - Renesas Technology Corp M37540RSS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 366 page
background image
1-30
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
FUNCTIONAL DESCRIPTION
Notes on the programmable waveform generation mode are de-
scribed below;
s Notes on programmable waveform generation mode
• Count set value
In the programmable waveform generation mode, values of TZS,
EXPZP, and EXPZS are valid by writing to TZP because the set-
ting to them is executed all at once by writing to TZP. Even when
changing TZP is not required, write the same value again.
• Write timing to TZP
In the programmable waveform generation mode, when the set-
ting value is changed while the waveform is output, set by
software in order not to execute the writing to TZP and the timing
of timer underflow during the secondary interval simultanesously.
• Usage of waveform extension function
The waveform extension function by the timer Z waveform exten-
sion control bit can be used only when “0016” is set to Prescaler Z.
When the value other than “0016” is set to Prescaler Z, be sure to
set “0” to EXPZP and EXPZS. Also, when the timer Y underflow is
selected as the count source, the waveform extension function
cannot be used.
• Timer Z write mode
When using this mode, be sure to set “1” to the timer Z write con-
trol bit to select “write to latch only”.
(3) Programmable one-shot generation mode
In the programmable one-shot generation mode, the one-shot
pulse by the setting value of timer Z primary can be output from
TZOUT pin by software or external trigger. When using this mode,
be sure to set “1” to the timer Z write control bit to select “write to
latch only”. Also, set the port P02 direction registers to output
mode. In this mode, TZS is not used.
The active edge of output waveform is set by the timer Z output
level latch (b5) of the timer Y, Z waveform output control register
(PUM). When “0” is set to b5 of PUM, “H” pulse during the interval
of the TZP setting value is output. When “1” is set to b5 of PUM,
“L” pulse during the interval of the TZP setting value is output.
Also, in this mode, the interval of the one-shot pulse output can be
extended for 0.5 cycle of timer count source clock by setting the
timer Z primary waveform extension control bit (b2) of PUM to “1”.
As a result, the waveforms of more accurate resolution can be
output.
In the programmable one-shot generation mode, the trigger by
software or the external INT0 pin can be accepted by writing “0” to
the timer Z count stop bit after the count value is set. (At the time
when “0” is written to the timer Z count stop bit, Timer Z stops.)
By writing “1” to the timer Z one-shot start bit, or by inputting the
valid trigger to the INT0 pin after the trigger to the INT0 pin be-
comes valid by writing “1” to the INT0 pin one-shot trigger control
bit, Timer Z starts counting, at the same time, the output of TZOUT
pin is inverted. When Timer Z underflows, the output of TZOUT pin
is inverted again and Timer Z stops. When also the trigger of INT0
pin is accepted, the contents of the one-shot start bit is changed to
“1” by hardware.
The falling or rising can be selected as the edge of the valid trig-
ger of INT0 pin by the INT0 pin one-shot trigger edge selection bit.
During the one-shot pulse output interval, the one-shot pulse out-
put can be stopped forcibly by writing “0” to the timer Z one-shot
start bit.
In the programmable one-shot generation mode, when the count
values are changed, set value to the EXPZP first. After then, set
the value to TZP. The values are set all at once at the beginning of
the next one-shot pulse when the value is set to TZP. (When writ-
ing at timer stop is executed, writing to TZP at last is required.)
Notes on the programmable one-shot generation mode are de-
scribed below;
s Notes on programmable one-shot generation mode
• Count set value
In the programmable one-shot generation mode, the value of
EXPZP becomes valid by writing to TZP. Even when changing
TZP is not required, write the same value again.
• Write timing to TZP
In the programmable one-shot generation mode, when the setting
value is changed while the waveform is output, set by software in
order not to execute the writing to TZP and the timing of timer un-
derflow simultanesously.
• Usage of waveform extension function
The waveform extension function by the timer Z waveform exten-
sion control bit can be used only when “0016” is set to Prescaler Z.
When the value other than “0016” is set to Prescaler Z, be sure to
set “0” to EXPZP. Also, when the timer Y underflow is selected as
the count source, the waveform extension function cannot be
used.
• Timer Z write mode
When using this mode, be sure to set “1” to the timer Z write con-
trol bit to select “write to latch only”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com