Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 58 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 58 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 54Page - Renesas Technology Corp M37540RSS Datasheet HTML 55Page - Renesas Technology Corp M37540RSS Datasheet HTML 56Page - Renesas Technology Corp M37540RSS Datasheet HTML 57Page - Renesas Technology Corp M37540RSS Datasheet HTML 58Page - Renesas Technology Corp M37540RSS Datasheet HTML 59Page - Renesas Technology Corp M37540RSS Datasheet HTML 60Page - Renesas Technology Corp M37540RSS Datasheet HTML 61Page - Renesas Technology Corp M37540RSS Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 366 page
background image
1-39
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
HARDWARE
FUNCTIONAL DESCRIPTION
qSerial I/O2
The serial I/O2 function can be used only for clock synchronous
serial I/O.
For clock synchronous serial I/O2 the transmitter and the receiver
must use the same clock. When the internal clock is used, transfer
is started by a write signal to the serial I/O2 register.
Note: Serial I/O2 can be used in the following cases;
(1) Serial I/O1 is not used,
(2) Serial I/O1 is used as UART and BRG output divided by 16 is
selected as the synchronized clock.
[Serial I/O2 control register] SIO2CON
The serial I/O2 control register contains 8 bits which control vari-
ous serial I/O functions.
• Set “0” to bit 3 to receive.
• At reception, clear bit 7 to “0” by writing a dummy data to the se-
rial I/O2 register after completion of shift.
Fig. 35 Structure of serial I/O2 control registers
Fig. 36 Block diagram of serial I/O2
Internal synchronous clock selection bits
000 : f(XIN)/8
001 : f(XIN)/16
010 : f(XIN)/32
011 : f(XIN)/64
110 : f(XIN)/128
111 : f(XIN)/256
b7
b0
Not used
(returns “0” when read)
Transfer direction selection bit
0 : LSB first
1 : MSB first
SCLK2 pin selection bit
0 : External clock (SCLK2 is an input)
1 : Internal clock (SCLK2 is an output)
Transmit / receive shift completion flag
0 : shift in progress
1 : shift completed
Note : When using it as a SDATA input, set the port P13
direction register to “0”.
Serial I/O2 control register
(SIO2CON: address 003016, initila value: 0016)
SDATA2 pin selection bit (Note)
0 : I/O port / SDATA2 input
1 : SDATA2 output
“1”
“0”
“0”
“1”
“0”
“1”
1/8
1/16
1/32
1/64
1/128
1/256
XIN
Data bus
Serial I/O2
interrupt request
SDATA2 pin selection bit
Serial I/O counter 2 (3)
Serial I/O shift register 2 (8)
SCLK2 pin selection bit
Internal synchronous
clock selection bits
P12/SCLK2
P13/SDATA2
P12 latch
SCLK2 pin
selection bit
SCLK
P13 latch
SDATA2 pin selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com