Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 93 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 93 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 89Page - Renesas Technology Corp M37540RSS Datasheet HTML 90Page - Renesas Technology Corp M37540RSS Datasheet HTML 91Page - Renesas Technology Corp M37540RSS Datasheet HTML 92Page - Renesas Technology Corp M37540RSS Datasheet HTML 93Page - Renesas Technology Corp M37540RSS Datasheet HTML 94Page - Renesas Technology Corp M37540RSS Datasheet HTML 95Page - Renesas Technology Corp M37540RSS Datasheet HTML 96Page - Renesas Technology Corp M37540RSS Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 366 page
background image
2-17
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.2 Timer A
Fig. 2.2.7 Structure of Interrupt request register 1
Fig. 2.2.8 Structure of Interrupt request register 2
Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt request register 1 (IREQ1) [Address : 3C 16]
Serial I/O1 receive
interrupt request bit
Serial I/O1 transmit interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
CNTR0 interrupt request bit
CNTR1 interrupt request bit
✽: These bits can be cleared to “0” by program, but cannot be set to “1”.
0 : No interrupt request issued
1 : Interrupt request issued
INT0 interrupt request bit
INT1 interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
Key-on wake up interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
✽
✽
✽
✽
✽
✽
✽
Timer X interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
✽
Interrupt request register 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt request register 2 (IREQ2) [Address : 3D 16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
Timer Y interrupt request bit
Timer Z interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt request bit
✽: These bits can be cleared to “0” by program, but cannot be set to “1”.
0 : No interrupt request issued
1 : Interrupt request issued
Timer A interrupt request bit
Serial I/O2 interrupt request
bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
AD converter interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
✽
✽
✽
✽
✽
✽
✕
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com