Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 74 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 74 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 70Page - Renesas Technology Corp M37540RSS Datasheet HTML 71Page - Renesas Technology Corp M37540RSS Datasheet HTML 72Page - Renesas Technology Corp M37540RSS Datasheet HTML 73Page - Renesas Technology Corp M37540RSS Datasheet HTML 74Page - Renesas Technology Corp M37540RSS Datasheet HTML 75Page - Renesas Technology Corp M37540RSS Datasheet HTML 76Page - Renesas Technology Corp M37540RSS Datasheet HTML 77Page - Renesas Technology Corp M37540RSS Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 366 page
background image
1-55
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
HARDWARE
Timing After Interrupt
The interrupt processing routine begins with the
machine cycle following the completion of the
instruction that is currently in execution.
Figure 55 shows a timing chart after an interrupt
occurs, and Figure 56 shows the time up to execution
of the interrupt processing routine.
Fig. 55 Timing chart after an interrupt occurs
Fig. 56 Time up to execution of the interrupt processing routine
: CPU operation code fetch cycle
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
Data bus
Not used
PCH
PCL
PS
AL
AH
Address bus
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
SYNC
RD
WR
φ
Generation of interrupt request
Main routine
Interrupt processing routine
7 to 23 cycles
(At performing 6.0 MHz, in double-speed mode,
1.75
µs to 5.75 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
FUNCTIONAL DESCRIPTION SUPPLEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com