| Zakładka z wyszukiwarką danych komponentów |
|
PCF2119RU/2/F2 Arkusz danych(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU/2/F2 Arkusz danych(HTML) 14 Page - NXP Semiconductors |
|
14 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 14 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 9. Display data RAM and ROM 9.1 DDRAM The Display Data RAM (DDRAM) stores up to 80 characters of display data represented by 8-bit character codes. RAM locations which are not used for storing display data can be used as general purpose RAM. The basic RAM to display addressing scheme is shown in Figure 6, Figure 7 and Figure 8. With no display shift the characters represented by the codes in the first 32 RAM locations starting at address 00h are displayed in line 1. All addresses are shown in hex. Fig 6. DDRAM to display mapping: no shift All addresses are shown in hex. Fig 7. DDRAM to display mapping: right shift 00 01 02 03 04 1D 1E 1F 20 21 4C 4D 4E 4F non-displayed DDRAM addresses 64 65 66 67 40 41 42 43 44 4D 4E 4F 50 51 00 01 02 03 04 0D 0E 0F 10 11 24 25 26 27 non-displayed DDRAM address line 1 line 2 mgk892 DDRAM address 2-line display/MUX 1 : 9 mode 12345 30 31 32 12345 14 15 16 12345 14 15 16 display position DDRAM address 1-line display mgl536 27 00 01 02 03 67 40 41 42 43 0C 0D 0E 4C 4D 4E DDRAM address line 1 line 2 2-line display/MUX 1 : 9 mode 1 2 3 4 5 14 15 16 1 2 3 4 5 14 15 16 |