Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF2119RU/2/F2 Arkusz danych(PDF) 34 Page - NXP Semiconductors

Numer części PCF2119RU/2/F2
Szczegółowy opis  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU/2/F2 Arkusz danych(HTML) 34 Page - NXP Semiconductors

Back Button PCF2119RU/2/F2 Datasheet HTML 30Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 31Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 32Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 33Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 34Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 35Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 36Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 37Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
34 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Bit Q: The Q bit flips the display top to bottom by mirroring the row data, as shown in
Figure 19.
Combination of bit P and bit Q: A combination of P and Q allows the display to be
rotated horizontally and vertically by 180 degree, as shown in Figure 20. This is useful for
viewing the display from the opposite edge.
Fig 18. Use of bit P
Fig 19. Use of bit Q
Fig 20. Use of bit P and bit Q
013aaa122
P =
0
P =
1
Q =
0
Q =
0
013aaa113
Q =
0
Q =
1
P =
0
P =
0
013aaa123
Q =
0
Q =
1
P =
1
P =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79