Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF2119RU/2/F2 Arkusz danych(PDF) 15 Page - NXP Semiconductors

Numer części PCF2119RU/2/F2
Szczegółowy opis  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU/2/F2 Arkusz danych(HTML) 15 Page - NXP Semiconductors

Back Button PCF2119RU/2/F2 Datasheet HTML 11Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 12Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 13Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 14Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 15Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 16Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 17Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 18Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
15 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
When data is written to or read from the DDRAM, wrap-around occurs from the end of one
line to the start of the next line. When the display is shifted each line wraps around within
itself, independently of the others. Thus all lines are shifted and wrapped around together.
The address ranges and wrap-around operations for the various modes are shown in
Table 7.
9.2 CGROM
The Character Generator ROM (CGROM) contains 240 character patterns in a 5
× 8 dot
format from 8-bit character codes. Figure 9 to Figure 14 show the character sets that are
currently implemented.
All addresses are shown in hex.
Fig 8.
DDRAM to display mapping: left shift
Table 7.
Address space and wrap-around operation
Mode
1
× 32
2
× 16
1
× 16
Address space
00h to 4Fh
00h to 27h;
40h to 67h
00h to 27h
Read/write wrap-around
(moves to next line)
4Fh to 00h
27h to 40h;
67h to 00h
27h to 00h
Display shift wrap-around
(stays within line)
4Fh to 00h
27h to 00h;
67h to 40h
27h to 00h
01
04 05
41 42 43 44 45
0E 0F 10
4E 4F 50
DDRAM
address
line 1
line 2
2-line display/MUX 1 : 9 mode
1
2
3
4
5
30 31 32
1
2
3
4
5
14 15 16
1
2
3
4
5
14 15 16
01
04 05
02 03
02 03
1E 1F 20
display
position
DDRAM
address
1-line display
mgk894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79