| Zakładka z wyszukiwarką danych komponentów |
|
AS3525 Arkusz danych(PDF) 25 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Arkusz danych(HTML) 25 Page - ams AG |
|
25 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 25 - 194 7.2.2 On-Chip ROM 7.2.2.1 ROM Controller The ROM controller implements the AHB slave interface for accessing the ROM. The ROM controller generates OK response for all reads and error response for all writes. Access width is always 32 bits. 7.2.2.2 1MBIT ROM 128 KByte of on-chip mask-programmable ROM are included. The ROM is metal mask programmable by a single mask change (VIA2). The ROM contains the following firmware package • Boot loader 7.2.3 VIC – Vectored Interrupt Controller The ARM PrimeCell™ PL190 “vectored interrupt controller” is included in the AHB system. 7.2.3.1 Features • AMBA specification Rev 2.0 compliant • support for 32 standard interrupts • support for 16 vectored interrupts • hardware interrupt priority • IRQ and FIQ generation • AHB mapped for fast interrupt response • software interrupt generation • test registers • raw interrupt status • interrupt request status • interrupt masking • privileged mode supportBlock Diagram Figure 8 VIC Block Diagram |