| Zakładka z wyszukiwarką danych komponentów |
|
AS3525 Arkusz danych(PDF) 37 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Arkusz danych(HTML) 37 Page - ams AG |
|
37 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 37 - 194 Register Name Base Address Offset Note Register USB_HOST_CH2_DESC_PTR AS3525_USB_BASE 0x01054 Data Descriptor Pointer USB_HOST_CH2_STS_MASK AS3525_USB_BASE 0x01058 Status Mask Register USB_HOST_CH3_SPLT AS3525_USB_BASE 0x01060 Split Information Register USB_HOST_CH3_STS AS3525_USB_BASE 0x01064 Status Register USB_HOST_CH3_TXFSIZE AS3525_USB_BASE 0x01068 TxFIFO Register USB_HOST_CH3_REQ AS3525_USB_BASE 0x0106c Request Register USB_HOST_CH3_PER_INFO AS3525_USB_BASE 0x01070 Periodic/Split Transaction Information Register USB_HOST_CH3_DESC_PTR AS3525_USB_BASE 0x01074 Data Descriptor Pointer USB_HOST_CH3_STS_MASK AS3525_USB_BASE 0x01078 Status Mask Register USB_HOST_CFG AS3525_USB_BASE 0x01400 Host Configuration Register USB_HOST_CTRL AS3525_USB_BASE 0x01404 Host Control Register USB_HOST_INTR AS3525_USB_BASE 0x0140c Host Interrupt Register USB_HOST_INTR_MASK AS3525_USB_BASE 0x01410 Host Interrupt Mask Register USB_HOST_CH_INTR AS3525_USB_BASE 0x01414 Host Channel Interrupt Register USB_HOST_CH_INTR_MASK AS3525_USB_BASE 0x01418 Host Channel Interrupt Mask Register USB_HOST_FRAME_INT AS3525_USB_BASE 0x0141c Host Frame Interval Register USB_HOST_FRAME_REM AS3525_USB_BASE 0x01420 Host Frame Remaining Register USB_HOST_FRAME_NUM AS3525_USB_BASE 0x01424 Host Frame Number Register USB_HOST_PORT0_CTRL_STS AS3525_USB_BASE 0x01500 Host Port and Status Register USB_OTG_CSR AS3525_USB_BASE 0x02000 OTG Control and Status Register USB_I2C_CSR AS3525_USB_BASE 0x02004 I2C Access Register USB_GPIO_CSR AS3525_USB_BASE 0x02008 General Purpose Input/Output Register USB_SNPSID_CSR AS3525_USB_BASE 0x0200c Synopsys ID Register USB_USERID_CSR AS3525_USB_BASE 0x02010 User ID Register USB_USER_CONF1 AS3525_USB_BASE 0x02014 User Config1 Register USB_USER_CONF2 AS3525_USB_BASE 0x02018 User Config2 Register USB_USER_CONF3 AS3525_USB_BASE 0x0201c User Config3 Register USB_USER_CONF4 AS3525_USB_BASE 0x02020 User Config4 Register USB_USER_CONF5 AS3525_USB_BASE 0x02024 User Config5 Register |