Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3C7335 Arkusz danych(PDF) 7 Page - Samsung semiconductor

Numer części S3C7335
Szczegółowy opis  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7335 Arkusz danych(HTML) 7 Page - Samsung semiconductor

Back Button S3C7335 Datasheet HTML 3Page - Samsung semiconductor S3C7335 Datasheet HTML 4Page - Samsung semiconductor S3C7335 Datasheet HTML 5Page - Samsung semiconductor S3C7335 Datasheet HTML 6Page - Samsung semiconductor S3C7335 Datasheet HTML 7Page - Samsung semiconductor S3C7335 Datasheet HTML 8Page - Samsung semiconductor S3C7335 Datasheet HTML 9Page - Samsung semiconductor S3C7335 Datasheet HTML 10Page - Samsung semiconductor S3C7335 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
S3C7335/P7335
PRODUCT OVERVIEW
1-7
Table 1-1. S3C7335 Pin Descriptions (Continued)
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
P11.0
P11.1
P11.2
P11.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
44
45
46
47
SEG16
SEG17
SEG18
SEG19
Output
H-28
P12.0
P12.1
P12.2
P12.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
48
49
50
51
SEG20
SEG21
SEG22
SEG23
Output
H-28
P13.0
P13.1
P13.2
P13.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
52
53
54
55
SEG24
SEG25
SEG26
SEG27
Output
H-28
COM0-
COM3
O
Common signal output for LCD display
24-27
Output
H
BIAS
I
LCD power control
20
Input
V
LC0
V
LC1
V
LC2
I
LCD power supply.
Voltage dividing resistors are assignable by
software
21
22
23
Input
V
DD0
Main power supply
12
V
SS0
Main Ground
13
RESET
I
System reset pin
19
Input
B
X
OUT
X
IN
Crystal, or ceramic oscillator pin for main system
clock. (For external clock input, use X
IN and input
X
IN’s reverse phase to XOUT)
14
15
XT
OUT
XT
IN
Crystal oscillator pin for subsystem clock. (For
external clock input, use XT
IN and input XTIN’s
reverse phase to XT
OUT)
18
17
TEST
I
Test signal input (must be connected to V
SS for
normal operation)
16
CE
I
Input pin for checking device power.
Normal operation is high level and PLL/IFC
operation is stopped at low level.
67
Input
B-5
VCOFM
VCOAM
I
External VCOFM/AM signal inputs.
60
61
Input
B-4
EO
O
PLL’s phase error output
66
Output
A-2
FMIF
AMIF
I
FM/AM intermediate frequency signal inputs.
64
63
Input
B-4
V
DD1
PLL/IFC power supply
65
V
SS1
PLL/IFC ground
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com