Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3C7335 Arkusz danych(PDF) 8 Page - Samsung semiconductor

Numer części S3C7335
Szczegółowy opis  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7335 Arkusz danych(HTML) 8 Page - Samsung semiconductor

Back Button S3C7335 Datasheet HTML 4Page - Samsung semiconductor S3C7335 Datasheet HTML 5Page - Samsung semiconductor S3C7335 Datasheet HTML 6Page - Samsung semiconductor S3C7335 Datasheet HTML 7Page - Samsung semiconductor S3C7335 Datasheet HTML 8Page - Samsung semiconductor S3C7335 Datasheet HTML 9Page - Samsung semiconductor S3C7335 Datasheet HTML 10Page - Samsung semiconductor S3C7335 Datasheet HTML 11Page - Samsung semiconductor S3C7335 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PRODUCT OVERVIEW
S3C7335/P7335
1-8
Table 1-1. S3C7335 Pin Descriptions (Concluded)
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
BTCO
I/O
Basic timer overflow output signal
72
P0.0
Input
D-2
TCLO0
I/O
Timer/counter 0 clock output signal
73
P0.1
Input
D-2
TCL0
I/O
External clock input for timer/counter 0
74
P0.2
Input
D-4
BUZ
I/O
2,4,8 or 16 kHz frequency output for buzzer sound
for 4.19 MHz main system clock or 32.768 kHz
subsystem clock
75
P0.3
Input
D-2
INT0
INT1
I
External interrupt. The triggering edges
(rising/falling) are selectable. Only INT0 is
synchronized with system clock.
76
77
P1.0
P1.1
Input
A-4
INT2
I
Quasi-interrupt with detection of rising edge signal.
78
P1.2
INT4
I
External interrupt input with detection of rising or
falling edges.
79
P1.3
SCK
I/O
SIO interface clock signal
80
P4.0
Input
D-4
SI
I/O
SIO interface data input signal
1
P4.2
SO
I/O
SIO interface data output signal
2
P4.1
CLO
I/O
CPU clock output
3
P4.3
KS0-KS3
I/O
Quasi-interrupt input with falling edge detection
8-11
P6.0-
P6.3
Input
D-7
ADC0-
ADC3
I/O
ADC input ports.
4-7
P5.0-
P5.3
Input
F-10
SEG0-
SEG3
O
LCD segment signal output.
28-31
P7.0-
P7.3
Output
H-28
SEG4-
SEG27
O
LCD segment signal output.
32-55
P8-P13
Output
H-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com